Part Number Hot Search : 
BMVK1 RR0306 MC145507 NSF20504 24004 OPB253A KE47A 23162
Product Description
Full Text Search
 

To Download TP76NXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TP7- CARBON
Features: TP7 miniature design provides for audio design applications. .307" wide and .380" high envelope. Ideal for hand held communication applications, hand held measuring instrumentation, and audio mixing systems Note: The TP7 panel controls are NOT board washable.
www..com
Styles: Right Angle - Please click selected item to see drawing. TP76N00 Single pot, Single shaft (PDF 29k) TP76N00N Single pot, Single shaft with rotary switch (PDF 27k) TP76G00 Dual pots, Single shaft (PDF 10k) TP76G00N Dual pots, Single shaft with Rotary Switch (PDF 29k) TP76D00 Dual pots, Dual shaft (PDF 29k) TP76D00N Dual pots, Dual shaft with Rotary Switch (PDF 29k) TP76D96E20 Dual pots, Dual shaft with Encoder ( PDF 29k) TP76T00 Triple pots, Single shaft (PDF 28k) TP76Q00 Quad pot, Single shaft (PDF 30k) TP76H00 Quad pot, Dual shaft (PDF 26K) TP76H00N Quad pot, Dual shaft with Rotary Switch (PDF 32k)
ELECTRICAL RESISTANCE RANGE ............ 1K, 2K, 5K,10K, 20K, 50K, 100K, 200K, 500K (K = 1,000 Ohms) RESISTANCE TOLERANCE .......................................... +20% RESISTANCE TAPER....................................... A, B, C, D, W END RESISTANCE ....................50 Ohm Max for 300?Rotation Types, 20 Ohm for all other rotational styles ENVIRONMENTAL TEMPERATURE RANGE ............................... 20 C to + 70C SOLDERING HEAT ................. 3 sec. @ 350C, T/R Max +1% ROTATIONAL LIFE ............ 15,000 ?200 cycles on 600 r.p.h. w/o load: ?15% max. TRACKING ERROR.. Volume Control...................................?3 db at 0 to -40 db
Tone Control.........................2 db at 50% of rotational angle NOISE (C.R.V.) .....................................................100mV Max. INSULATION RESISTANCE .................. 100 M ohm DC@ 250 V DIELECTRIC STRENGTH.........................1 MINUTE AC @ 300V POWER RATING ...................... 0.05 Watt 50C, 0 Watt at 70C WORKING VOLTAGE www..com AC Specifications are subject to change without notice .......................................8V DC, 40V MECHANICAL
ADJUSTMENT TRAVEL ...........................300??5? Nominal TORQUE ............................20 to 200 gf.cm (2.8 OZ-IN ) Max STOP STRENGTH ......................0.5 Kgf.cm (6.9 OZ-IN ) Min MARKING ............................ Resistance Value & Date Code
TP 7
Example: TP76D00N 20S A103 = Side adjust, dual unit, dual shaft, audio taper 103 ohms Example: TP76N00 15S B503= Side Adjust, single unit, single shaft, linear taper, 503 ohms Resistance Tolerance: ? 20% Standard 6 N 00 N 20 S A 103 Resistance Code: Expressed in ohms i.e. 101=100 ohms, 102=1,000 ohms, 104=100,000 ohms Congratulations! Your part number is TP76N00N 20S A B103 This TP7 has 300?electrical travel, single unit, single
*
*
*
*
*
*
*
*
*
* shaft, no special combinations, has a rotary switch,
20mm long shaft, screw driver slot, audio taper, and Ohmic value of 10,000 ohms, with a resistance tolerance of ?20% Now that wasn't so bad, was it?
* *
* *
* *
* *
* *
* *
* *
* *
*
Taper Resistance
Taper: B = Linear, A = Audio
-> TP76N00N 15S A: This part now has an audio taper
Shaft type: S = Screw driver slot, F = Flat TP76N00N 15S:now you added a screw driver slot Shaft length: ( measured from part front face to end of shaft. Flat also available)
Shaft Type
-->
*
*
*
*
*
*
*
Shaft length->
10S = 10mm 10S = 15mm 10S = 20mm TP76N00N 20: has 300?electrical travel, single unit, single shaft, no special combinations, rotary switch,20mm long shaft. Switch Type: This where you add a switch function or leave blank for no switch.
*
*
*
*
*
*
Switch-->
Blank = No switch A = Momentary push on ( tactile feel ) N = Rotary
TP76N00N: has 300?electrical travel, single unit, single shaft, no special requirements, with a rotary switch Combinations - accessories 00 = None - "00" must be used in part number TP76D00: has 300?electrical travel, dual unit, single shaft, no special combinations, Physical part structure N = Single unit, single shaft G = Dual unit, single shaft D = Dual unit, dual shaft TP76N: has 300?electrical travel, single unit, single shaft This tells us electrical travel 6 - 300?? 5?travel 7 - 120??5?travel 8 - 180??5? travel TP76: has 300??5?electrical travel TP7: defines part size TP7: Series
*
*
*
*
*
Combinations--->
*
*
*
*
Part structure--------->
www..com
*
*
*
Electrical travel function
--->
* *
*
7mm (size)---------> TOCOS Model name
-->


▲Up To Search▲   

 
Price & Availability of TP76NXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X